Electronic Components Datasheet Search
  English  ▼

X  

MM70 Datasheet(PDF) 2 Page - Vaisala

Part # MM70
Description  MM70 Handheld Moisture and Temperature Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MM70 Datasheet(HTML) 2 Page - Vaisala

  MM70 Datasheet HTML 1Page - Vaisala MM70 Datasheet HTML 2Page - Vaisala MM70 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Measurement Performance, MMP78 Probe
Water Activity
Measurement range aw
0 ... 1
Accuracy (including nonlinearity, hysteresis and repeatability) when calibrated
against salt solutions (ASTM E104-85):
0 ... 0.9
±0.02
0.9 ... 1.0
±0.03
Maximum achievable accuracy (including nonlinearity, hysteresis and
repeatability) when calibrated against high-quality, certified humidity
standards:
0 ... 0.9
±0.01
0.9 ... 1.0
±0.02
Response time (90%) at +20 °C
(+68 °F) in still oil (with stainless steel
filter)
10 min
Sensor
Vaisala HUMICAPâ 180L2
Recommended recalibration interval
1 year
Typical long-term stability
better than 0.01 aw / year
Temperature
Measurement range
-40 ... +100 °C (-40 ... +212 °F)
Typical accuracy at +20 °C
±0.2 °C (±0.36 °F)
Sensor
Pt100 RTD Class F0.1 IEC 60751
Probe Operating Environment
Operating temperature for electronics
-40 ... +60 °C (-40 ... +140 °F)
Operating pressure range
max. 20 bar
Operating pressure range during
installation through ball valve
max. 10 bar
Oil flow range
max. 1 m/s
Typical temperature dependence of
electronics
±0.005 °C/°C (±0.005 °F/°F)
EMC compliance
EN61326-1, Portable Equipment
Probe Mechanical Specifications
Housing classification
IP65 (NEMA 4)
Probe material
Stainless steel (AISI316L)
Housing material
APS/PC Blend
Cable length between probe and
indicator
1.9 m, 10 m extension available
Weight
506 g
MI70 Measurement Indicator
Operating Environment
Operating temperature
-10 ... +40 °C (+14 … +104 °F)
Operating humidity
0 ... 100 % RH, non-condensing
Storage temperature
-40 ... +70 °C (-40 ... +158 °F)
Inputs and Outputs
Max. no of probes
2
Power supply
Rechargeable NiMH battery pack with
AC adapter or 4xAA size alkalines,
type IEC LR6
PC interface
MI70 Link software with USB or serial
port cable
Analog Output
Scale
0...1 VDC
Output resolution
0.6 mV
Accuracy
0.2 % full scale
Temperature dependence
0.002 %/˚C full scale
Minimum load resistor
10 kΩ to ground
Mechanical Specifications
Housing classification
IP54
Housing materials
ABS/PC blend
Weight
400 g
Compatibility
EMC compliance
EN61326-1, Portable Equipment
Other
Menu languages
English, Chinese, Spanish, Russian,
French, Japanese, German, Swedish,
Finnish
Display
• LCD with backlight
• Graphic trend display of any
parameter
• Character height up to 16 mm
Alarm
Audible alarm function
Data logging capacity
2700 real time data points
Logging interval
1 s to 12 h
Logging duration
1 min ... memory full
Resolution
0.01 %RH, 0.01 °C/°F, 0.01 hPa,
0.01 aw, 10 ppm / 0.01 %CO2
Battery Operation Time
Typical charging time
4 hours
Operation Times with MMP76 and MMP78
Continuous use
48 h typical at +20 ˚C (68 °F)
Data logging use
up to a month



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com