Electronic Components Datasheet Search
  English  ▼

X  

2N2857 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 2N2857
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

2N2857 Datasheet(HTML) 2 Page - Advanced Power Technology

  2N2857 Datasheet HTML 1Page - Advanced Power Technology 2N2857 Datasheet HTML 2Page - Advanced Power Technology 2N2857 Datasheet HTML 3Page - Advanced Power Technology 2N2857 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N2857
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 3.0 mAdc, IB = 0)
15
-
-
V
BVCBO
Collector-Base Breakdown Voltage
(IC=1.0
µAdc, IE=0)
30
-
-
V
BVEBO
Emitter-Base Breakdown Voltage
(IE = 10
µAdc, IC = 0)
2.5
-
-
V
ICBO
Collector Cutoff Current
(VCE = 15 V, IE = 0 V)
-
-
.01
µA
HFE
DC Current Gain
(IC = 3.0 mAdc, VCE = 1.0 V)
30
-
150
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
fT
Current-Gain - Bandwidth Product
(IC = 5.0 mAdc, VCE = 6 V, f = 100 MHz)
1.6
-
GHz
NF
Noise Figure (50 Ohms)
(IC = 1.5 mAdc, VCE = 6 V, f = 500 MHz)
5.5
dB
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain
IC = 12 mAdc, VCE = 10V,
f = 500 MHz
-
13
-
dB
MAG
Maximum Available Gain
IC = 12 mAdc, VCE = 10V,
f = 500 MHz
-
13.5
-
dB
|S21|
2
Insertion Gain
IC = 12 mAdc, VCE = 10V,
f = 500 MHz
9.5
10.5
-
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com