Electronic Components Datasheet Search
  English  ▼

X  

2N2857 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # 2N2857
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

2N2857 Datasheet(HTML) 3 Page - Advanced Power Technology

  2N2857 Datasheet HTML 1Page - Advanced Power Technology 2N2857 Datasheet HTML 2Page - Advanced Power Technology 2N2857 Datasheet HTML 3Page - Advanced Power Technology 2N2857 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N2857
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 12 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.457
-44
12.49
122
0.012
63
0.823
-23
200
0.291
-56
8.06
101
0.018
55
0.712
-35
300
0.233
-60
5.3
89
0.024
81
0.728
-46
400
0.212
-68
3.88
80
0.032
55
0.723
-60
500
0.184
-76
3.36
80
0.037
49
0.711
-73
600
0.173
-79
2.97
69
0.043
46
0.717
-86
700
0.192
-89
2.39
61
0.044
44
0.72
-100
800
0.165
-96
1.89
57
0.055
43
0.731
-115
900
0.261
-121
2.72
60
0.068
29
0.746
-131
1000
0.083
149
1.27
39
0.064
18
0.749
-148



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com