Electronic Components Datasheet Search
  English  ▼

X  

ELD2 Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # ELD2
Description  ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELD2 Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Datasheet of ELD2 Series Drive
www.leadshine.com
3
Servo Drive, Servo Motor Installation Circumstance Requirement
Item
ELD2 series drive
Temperature
0-55℃
Humility
Under 90%RH(free from condensation)
Atmospheric environment
Indoor(no exposure)no corrosive gas or flammable gas, no oil or dust
Altitude
Lower than 1000m
Protection level
IP00(no protection)
Model
ELD2-RS7005/ELD2-RS7010
ELD2-CAN7005B/ELD2-CAN7010B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com