Electronic Components Datasheet Search
  English  ▼

X  

ELD2 Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # ELD2
Description  ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELD2 Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Datasheet of ELD2 Series Drive
www.leadshine.com
5
Connectors and Pin Assignment
Power terminal
Power terminal
Pin
Signal
Input / Output
Details
1
VCC
Input
Power supply input
2
GND
Input
Ground connection
3
U
Output
Motor phase U
4
V
Output
Motor phase V
5
W
Output
Motor phase W
6
PE
Output
Motor protective connection
Regenerative resistor
RBR
Pin
Signal
Input / Output
Details
RBR
1
RBR+
Output
Regenerative resistor +
2
RBR-
Output
Regenerative resistor -
Signal Explanation of Control Signal Port-CN1
CN1
Pin
Signal
IO
Detail
CN1
ELD2-RS***
ELD2-CAN***
1
DI1+
Input
Differential pulse input
,5V, 500KHz
Pulse
NA
2
DI1-
Input
3
DI2+
Input
Differential pulse input
,5V, 500KHz
Direction
NA
4
DI2-
Input
5
COM_IN
Input
Power supply positive terminal of the external input control signal, 12V ~ 24V
6
DI3
Input
Digital input signal 3, default value is forward enable signal , low level
available in default , max voltage is 24V input 20KHz
7
DI4
Input
Digital input signal 4, default value is alarm clear signal , low level available
in default , max voltage is 24V input 20KHz
8
DI5
Input
Digital input signal 5, default value is forward run prohibited (POT)signal in
position mode , low level available in default , max voltage is 24V input
20KHz
9
DI6
Input
Digital input signal 6, default value is reverse run prohibited (NOT) signal in
position mode , low level available in default , max voltage is 24V input
20KHz
10
Vin+
Input
Analog input , voltage input range : -10VDC~+10VDC , input resistor 20KΩ
11
Vin-
Input
12
A+
Input
Output terminal of motor encoder A phase
13
A-
Output
14
B+
Output
Output terminal of motor encoder B phase
15
B-
Output
16
DO+
Output
ELD2-RS7005/ELD2-RS7010:
Differential output 1, 24V/100mA
ELD2-******B:
Brake output, 24V/(max 1A)
17
DO-
Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com