Electronic Components Datasheet Search
  English  ▼

X  

ELP Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # ELP
Description  ELP Series AC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELP Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  ELP Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet of ELP Series
www.leadshine.com
2
E-STOP. Inertia ratio switching. Internal speed selection
Output Function Configuration
Alarm output. Servo-Ready. Positioning complete. At-speed.
Zero-speed. Velocity coincidence. Positional command ON/OFF.
Servo-ON. Home-OK
Safty Protection
Over-Current. Over-Voltage. Under-Voltage. Over-Heat. Over-Load.
Encoder error. Over-Speed. Running-away. Positive/Negative Limit.
Communication error. Position deviation error. Power-line out of
phase etc.
Dynamic braking
Built-in
Environment
Temperature
Storage: -20-80℃;
Installation: 0-55℃
Humidity
Under 90%RH (free from condensation)
Altitude
Lower than 1000m
Vibration
Less than 0.5G (4.9m/s2) 10-60Hz (non-continuous working)
Features
Inertia ratio identification
Off-line inertia ratio identification, better performance, easy tuning
Position mode/Velocity mode/Torque mode
Supported Position mode/Velocity mode/Torque mode
Position mode: pulse+direction. internal register position setup. RS232/485
Velocity mode: analog. internal register velocity setup. RS232/485
Torque mode: analog
Control mode switching
IO signal for mode switching, select Position mode/Velocity mode/Torque mode
Gain switching
Automatically switch gain under special conditions/ IO signal for gain switching
Internal 16 path velocity mode
No analog control required. 16 path speed and IO trigger
Command pulse inhibition
Invalid the pulse input, stop with deceleration
Position limit
Protective equipment operation
Input and output signal allocation function
Set SI input function allocation
Set SO output function allocation
Encoder signal output
Output encoder signal: Single-ended /Differential
Analog Input
2 analog input for velocity / torque mode control
Speed zero clamp
If the actual analog input is less than the setting value, the motor will stop rotating in servo-on condition
Vibration Suppression
Specific resonance frequency can be obtained from PC upper computer software according to waveform monitoring, and filter frequency
can be set to effectively suppress the oscillation ripple of a certain frequency in the current instruction.
Command filter
To make the positional command divided or multiplied by the electronic gear smooth, set the command filter
Friction torque compensation
Apply feed forward torque superposition directly to torque command



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com