Electronic Components Datasheet Search
  English  ▼

X  

ELP Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # ELP
Description  ELP Series AC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELP Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  ELP Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELP Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Datasheet of ELP Series
www.leadshine.com
4
2
SI1
input
Digital input 1
can be configured.
12VDC ~ 24VDC
7
SI2
input
Digital input 2
8
SI3
input
Digital input 3
9
SI4
input
Digital input 4
10
SI5
input
Digital input 5
11
SI6
input
Digital input 6
12
SI7
input
Digital input 7
13
SI8
input
Digital input 8
14
SI9
input
Digital input 9
31
COM_SO
output
Digital output common-
terminal
Low resistor output in
default . OC, the maximum
voltage/current is no more
than 30V, 50mA .
Recommended voltage : 12
V-24V. Current :10mA
33
SO1
+
output
Digital output 1
32
SO2
+
output
Digital output 2
34
SO3
+
output
Digital output 3
35
SO4
+
output
Digital output 4
18
SO5
+
output
Differential Digital output 5
Differential Digital output
,
the maximum
voltage/current is no more
than 30V, 50mA .
Recommended voltage : 12
V-24V. Current :10mA
19
SO5-
output
20
SO6-
output
Differential Digital output 6
21
SO6
+
output
23
A
+
output
Differential output terminal of
motor encoder A phase
Differential output,
High >= 2.5vdc, low <=
0.5vdc, maximum current
±20mA
24
A
-
output
25
B
+
output
Differential output terminal of
motor encoder B phase
26
B
-
output
27
Z
+
output
Differential output terminal of
motor encoder Z phase
28
Z
-
output
36
OCA
output
OC output terminal of motor encoder A phase
37
OCB
output
OC output terminal of motor encoder B phase
29
OCZ
output
OC output terminal of motor encoder Z phase
30
GND
output
OC output GND terminal of motor encoder
3
PUL
+
input
Pulse input,
PUL+ and PUL-:5V differential input
PUL+_24 and PUL-:24V differential input
4
PUL
-
input
16
PUL
+_24
input
5
DIR
+
input
Direction input
,
DIR+ and DIR-
:5V differential input
DIR+_24 and DIR-
:24V differential input
6
DIR
-
input
17
DIR
+_24
input
39
AI1+
input
Analog input 1, voltage input range : 10VDC~10VDC ,
input resistor 20KΩ
40
AI1-
input
41
AGND
input
43
AI3
+
input
Analog input 3, voltage input range : 10VDC~10VDC ,
input resistor 20KΩ
44
AI3
-
input
15/22/38/40/42
NC
/
Not connection
Shell
FG
Shield ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com