Electronic Components Datasheet Search
  English  ▼

X  

ELVM Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # ELVM
Description  ELVM Series Servo Motors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELVM Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  ELVM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELVM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELVM Datasheet HTML 3Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet of ELVM Series Servo Motors
www.leadshine.com
3
Environment
Item
Storage
Installation
Temperature
-20-60℃
0-40℃
Humility
Under 80%RH(free from condensation)
Atmospheric
environment
Indoor(no exposure)no corrosive gas or flammable gas, no oil or dust
Altitude
Lower than 1000m
Vibration
Less than 0.5G (4.9m/s
2) 10-60Hz (non-continuous working)
Protection level
IP65



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com