Electronic Components Datasheet Search
  English  ▼

X  

ELVM Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # ELVM
Description  ELVM Series Servo Motors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELVM Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  ELVM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELVM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELVM Datasheet HTML 3Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet of ELVM Series Servo Motors
www.leadshine.com
1
ELVM Series Servo Motors
The ELVM series is a new low voltage AC servo motor series designed of Lead Shine with power ranging from 50W
to 1000W,with 2500-Line incremental encoder or 17-bit/23-bit absolute encoder, featuring short length, high overload
capacity, good vibration resistance and IP65 protection.
Feature:
 PMSM construction
 Compact Design, high overload
 Insulation Class: Class F
 Protection level: IP65
 Encoder: 17 bit multi-turn absolute magnetic encoder
 Cable connector: Round connector with threaded coupling
 Optional accessory: brake
Model


Similar Part No. - ELVM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
ELV WALL-ELV Datasheet
114Kb / 4P
DHW24S3.3-33
logo
Texas Instruments
ELV1036A TI1-ELV1036A Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
TDK Electronics
ELV12-12-1R0 TDK-ELV12-12-1R0 Datasheet
110Kb / 1P
AC-DC Power Supplies
ELV12-24-R50 TDK-ELV12-24-R50 Datasheet
110Kb / 1P
AC-DC Power Supplies
logo
Wall Industries,Inc.
ELV12S12-100 WALL-ELV12S12-100 Datasheet
114Kb / 4P
DHW24S3.3-33
More results

Similar Description - ELVM

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
BLM Series Brushless DC Servo Motors
ISV2 LEADSHINE-ISV2 Datasheet
584Kb / 4P
iSV2 Series Integrated Servo Motors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com