Electronic Components Datasheet Search
  English  ▼

X  

EM2RS Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # EM2RS
Description  EM2RS Series Stepper Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EM2RS Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  EM2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet of EM2RS Series Stepper Drive
www.leadshine.com
2
Model Designation
□
EM2 RS
1
4
5
1
2
Maximum Operating Voltage
5: 50V
8: 80V
3
-
5 22
4
Customerized Code
Blank: standard
Series Name
EM2: 2
nd generation stepper drives
-
2
5
Communication Mode
RS: RS485
6
6
Maximum Output Current
22: 2.2A
56: 5.6A
□
AC or DC
A: AC power voltage
Blank: DC power voltage
3
Technical Specification
Name
EM2RS-522
EM2RS-556
EM2RS-D870
EM2RS-A882
Supply Voltage
20-50VDC
20-50VDC
20-80VDC
30-100VDC or 20-80VAC
Output Current (Peak)
0.5-2.2A
1.0-5.6A
1.0-7.0A
2.1-8.2A
Size (H*W*L mm)
118*79.5*25.5
151*91*53
Weight (kg)
0.23
0.58
Matched Motor
NEMA 8, 11,
14, 17
NEMA 17, 23,
24
NEMA 24, 34
NEMA34
Input Signals
Limit +, Limit -, Origin, Quick stop, Enable, JOG +, JOG - and Position Table
Output Signals
Brake, Alarm, In Position, GPIOs
Protection Functions
Over Current, Over Voltage, Motor Cable Error, etc.
PC Software
Leadshine MotionStudio
Operating Environment
Environment
Avoid dust, oil, fog and corrosive gases
Operating
Temperature
0-50℃ (32 F – 122 F)
Storage Temperature
-20℃-65℃ (-4 F – 149 F)
Humidity
40-90%RH
Vibration
10-55Hz/0.15mm
Mount
Vertical or horizontal mounting



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com