Electronic Components Datasheet Search
  English  ▼

X  

EM2RS Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # EM2RS
Description  EM2RS Series Stepper Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EM2RS Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  EM2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EM2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Datasheet of EM2RS Series Stepper Drive
www.leadshine.com
4
CN1
Input power connector
CN2
Motor connector
CN3
I/O signals connector
CN4
RS485 communication connector
CN5
RS232 tuning connector
DIP Switch
Salve ID: SW1-SW5
Baud Rate: SW6-SW7
Terminal Resistance: SW8
CN1 &CN2 Input Power Connector
EM2RS-522/556/870
Name
Pic
PIN
Signal
Description
CN1
1
VDC
24V- 48V
2
GND
GND
CN2
4
A+
Motor phase A+
3
B+
Motor phase B+
2
A-
Motor phase A-
1
B-
Motor phase B-
EM2RS-A882
Name
Pic
PIN
Signal
Description
CN1&
CN2
1
A+
Motor phase A+
2
B+
Motor phase B+
3
A-
Motor phase A-
4
B-
Motor phase B-
5
AC
18-80VAC or 24-100VDC;
No polarity
6
AC
Note: When the user uses an AC transformer to supply power, be sure to use an isolation transformer to prevent
electric shock or burn out the computer
CN3-I/O Signals Connector
Name
Pic
PIN
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com