Electronic Components Datasheet Search
  English  ▼

X  

ICS-RS Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # ICS-RS
Description  iCS-RS Series Integrated Steppwe Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS-RS Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  ICS-RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Datasheet of iCS-RS Series Integrated Stepper Motor
www.leadshine.com
4
Connector and Pin Assignment
CN4: Tuning Port
DIP
Switches
CN1: Power Input
CN3:RS485 Communication Port
CN2: I/O Port
LED Indicator
Name
Description
CN1
Input power connector
CN2
Digital inputs and outputs connector
CN3
RS485 communication connector
CN4
RS232 tuning connector
DIP Switch
Salve ID: SW1-SW5
Baud Rate:
SW6-SW7
Terminal Resistance: SW8
CN1 Input Power Connector
Name
Pic
PIN
Signal
Description
CN1
1
VDC
20V- 36V
2
GND
GND
CN2 I/O Connector
Name
Pic
PIN
Signal
I/O
Description
CN2
1
DI1
I
Configurable Single-ended Digital
Inputs DI1-DI7, 12V - 24V.
DI1 is enabling signal default,
DI2-DI7 are GPIOs
2
DI2
I
3
DI3
I
4
DI4
I
5
DI5
I



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com