Electronic Components Datasheet Search
  English  ▼

X  

ICS-RS Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # ICS-RS
Description  iCS-RS Series Integrated Steppwe Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS-RS Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  ICS-RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Datasheet of iCS-RS Series Integrated Stepper Motor
www.leadshine.com
5
6
DI6
I
7
DI7
I
8
COMI
I
9
DO1
O
Configurable Single-ended Outputs
Signals DO1-DO3 (common-cathode
or common-anode),
Max. 24V/100mA, GPIOs.
10
DO2
O
11
DO3
O
12
COMO
O
Note:
(1) DI1 is normally closed, default by Enable signal. It means the motor is locked shaft after the driver powered on.
(2) When using Brake output signals, you need to connect a relay and a diode
CN3-RS485 Communication Connector
Name
Pic
PIN
Description
CN3
1
RS485 +
2
RS485 -
3,4
GND
CN4-RS232 Tuning Port
Name
Pic
PIN
Signal
CN4
1
NC
2
TxD
3
GND
4
RxD
DIP Switches
The iCS-RS series use an 8-bit DIP switched to set Salve ID (also called Site Alias), Baud Rate and Terminal
Resistance, they are shown as below:
Slave ID
Baud Rate
120Ω Terminal
Resistance
(1) Slave ID: SW1-SW5 (off=1, on=0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com