Electronic Components Datasheet Search
  English  ▼

X  

CPL53E Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # CPL53E
Description  pH sensor for laboratory measurements and random sampling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPL53E Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  CPL53E Datasheet HTML 1Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 2Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 3Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 4Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 5Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 6Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 7Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Digital with Memosens 2.0 technology
Versatile pH sensor with very fast response time
Application
Measurements in standard applications in the laboratory
Your benefits
• Memosens gel compact pH sensor with easy-to-clean glass body
• Dirt-repellent PTFE junction
• Integrated NTC 30K temperature sensor for effective temperature compensation
• Suitable for use with Liquiline Mobile, Liquiline To Go and Memobase Plus
Other advantages of Memosens technology
• Maximum analysis safety with non-contact, inductive signal transmission
• Data security thanks to digital data transmission
• Very easy to use as sensor data saved in the sensor
Products
Solutions
Services
Technical Information
Memosens CPL53E
pH sensor for laboratory measurements and
random sampling
TI01676C/07/EN/01.22-00
71557012
2022-01-03


Similar Part No. - CPL53E

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CPL51E EH-CPL51E Datasheet
580Kb / 8P
pH sensor for laboratory measurements and random sampling in the field
2022-01-03
CPL57E EH-CPL57E Datasheet
973Kb / 8P
pH measurement for laboratory measurements and random sampling
2022-01-03
CPL59E EH-CPL59E Datasheet
1Mb / 8P
pH measurement for laboratory measurements and random sampling
2022-01-03
More results

Similar Description - CPL53E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4970-D050T5 INFINEON-TLI4970-D050T5_16 Datasheet
2Mb / 31P
Miniature coreless magnetic current sensor for AC and DC measurements
Rev. 1.1, 2016-06-17
logo
Sensirion AG Switzerlan...
SGPC3 SENSIRION-SGPC3 Datasheet
1Mb / 19P
Indoor Air Quality Sensor for TVOC Measurements
Version 1.0
SGP41 SENSIRION-SGP41 Datasheet
1Mb / 22P
Air Quality Sensor for VOC and NOx Measurements
version 1.0 - December 2021
logo
Endress+Hauser Group Se...
CPL51E EH-CPL51E Datasheet
580Kb / 8P
pH sensor for laboratory measurements and random sampling in the field
2022-01-03
CPL57E EH-CPL57E Datasheet
973Kb / 8P
pH measurement for laboratory measurements and random sampling
2022-01-03
CPL59E EH-CPL59E Datasheet
1Mb / 8P
pH measurement for laboratory measurements and random sampling
2022-01-03
CPS41E EH-CPS41E Datasheet
866Kb / 12P
pH sensor for process technology
2020-08-10
CLL47E EH-CLL47E Datasheet
405Kb / 8P
Contacting conductivity sensor for laboratory measurements and random sampling in the field
COL37E EH-COL37E Datasheet
432Kb / 8P
Agile, optical oxygen sensor for laboratory measurements and random sampling in the field
2022-01-28
CPS47E EH-CPS47E Datasheet
637Kb / 16P
ISFET sensor for pH measurement
2023-10-20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com