Electronic Components Datasheet Search
  English  ▼

X  

CPL53E Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CPL53E
Description  pH sensor for laboratory measurements and random sampling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPL53E Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CPL53E Datasheet HTML 1Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 2Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 3Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 4Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 5Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 6Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 7Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Memosens CPL53E
Endress+Hauser
3
Measuring range
• pH value: 0 to 14 pH (1 to 12 pH application range)
• Temperature: –5 to 100 °C (23 to 212 °F) (0 to 80 °C (32 to 176 °F) application range)
Performance characteristics
Reference system
Ag/AgCl lead, bridging electrolyte: gel KCl, 3M, AgCl-free
Environment
Ambient temperature range
NOTICE
Risk of damage from frost!
‣ Do not use the sensor at temperatures below –15 °C (5 °F) .
Storage temperature
0 to 50 °C (32 to 122 °F), non-freezing
Degree of protection
IP 68 (10 m (33 ft) water column, 25 °C (77 °F), 45 days, 1 M KCl)
Electromagnetic
compatibility (EMC)
Interference emission and interference immunity as per EN 61326-1: 2013
Process
Process temperature range
0 to 80 °C (32 to 176 °F)
Mechanical construction
Design, dimensions
Ø 11.9 (0.47)
A0047846
 2
Engineering unit: mm (in)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com