Electronic Components Datasheet Search
  English  ▼

X  

K9650M Datasheet(PDF) 7 Page - EPCOS

Part # K9650M
Description  IF Filter for Audio Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K9650M Datasheet(HTML) 7 Page - EPCOS

  K9650M Datasheet HTML 1Page - EPCOS K9650M Datasheet HTML 2Page - EPCOS K9650M Datasheet HTML 3Page - EPCOS K9650M Datasheet HTML 4Page - EPCOS K9650M Datasheet HTML 5Page - EPCOS K9650M Datasheet HTML 6Page - EPCOS K9650M Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Mar 31, 2006
SAW Components
K 9650 M
33,90 MHz and 38,90 MHz
IF Filter for Audio Applications
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE MM PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2001. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com