Electronic Components Datasheet Search
  English  ▼

X  

K9650M Datasheet(PDF) 3 Page - EPCOS

Part # K9650M
Description  IF Filter for Audio Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K9650M Datasheet(HTML) 3 Page - EPCOS

  K9650M Datasheet HTML 1Page - EPCOS K9650M Datasheet HTML 2Page - EPCOS K9650M Datasheet HTML 3Page - EPCOS K9650M Datasheet HTML 4Page - EPCOS K9650M Datasheet HTML 5Page - EPCOS K9650M Datasheet HTML 6Page - EPCOS K9650M Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Mar 31, 2006
SAW Components
K 9650 M
33,90 MHz and 38,90 MHz
IF Filter for Audio Applications
Data Sheet
Characteristics of channel 1(switching pin 2 connected to ground)
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
40,40 MHz
12,4
13,9
15,4
dB
following data
Relative attenuation
α
rel
Picture carrier
33,90 MHz
40,0
49,0
—
dB
38,40 MHz
40,0
50,0
—
dB
Adjacent picture carrier
41,90 MHz
36,0
46,0
—
dB
Adjacent sound carrier
32,40 MHz
38,0
45,0
—
dB
Lower sidelobe
25,00 ... 38,40 MHz
37,0
44,0
—
dB
Upper sidelobe
41,90 ... 45,00 MHz
34,0
40,0
—
dB
Impedance at 40,40 MHz
Input:
ZIN
=
RIN
||
CIN
—
0,8 || 9,1
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,2 || 5,4
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com