Electronic Components Datasheet Search
  English  ▼

X  

CLA111 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CLA111
Description  Immersion and installation assembly for open and closed vessels with DN 100 flange
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLA111 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CLA111 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dipfit CLA111
2
Endress+Hauser
Function and system design
Measuring system
5
A0026966
 1
Example of a measuring system
1
Assembly holder CYH112 (with chain)
4
Sensor CLS50D
2
Sensor cable CYK10 (CLS21D) or fixed cable
(CLS50D)
5
Sensor CLS21D
3
Transmitter CM442 with weather protection
cover
6
Assembly CLA111-D (with suspension bracket)
Environment
Ambient temperature
-10 to +80 °C (+10 to +180 °F)
Process
Process temperature
-10 to +80 °C (+10 to +180 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com