Electronic Components Datasheet Search
  English  ▼

X  

CLA111 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLA111
Description  Immersion and installation assembly for open and closed vessels with DN 100 flange
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLA111 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLA111 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLA111 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dipfit CLA111
Endress+Hauser
3
Process pressure
CLA111-A/B/D
Unpressurized
CLA111-C
Max. 5 bar (72 psi) abs. at 20 °C (68 °F), unpressurized up
to 80 °C (176 °F)
Mechanical construction
Design
Versions with flange
1
2
3
4
5
6
7
8
9
10
11
12
A0007455
 2
Version A and C with DN 100 flange
1
Phillips screw (4 pieces)
2
Assembly head
3
Dummy plug
4
Quick-release coupling for Chemoclean cleaning
5
Connecting pipe with pipe union for Chemoclean
cleaning
6
Sensor holder
7
Spray head for Chemoclean cleaning
8
Sensor holder with securing bolts for Chemoclean
spray head CLR30
9
Assembly pipe
10 DN 100 flange, A: Standard , C: Pressurized flange
11 Star handle screws (not for pressurized version)
12 Coupling Pg 13.5
1
2
3
6
4
5
6
A0007459
 3
Version B with adjustable DN 100 flange
1
Adjustable flange adapter (2 half-shells)
2
O-ring for tolerance compensation
3
Clamping screw (2 pieces)
4
DN 100 flange
5
Sensor holder
6
Bayonet lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com