Electronic Components Datasheet Search
  English  ▼

X  

CPF81D Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CPF81D
Description  Orbipac CPF81D/CPF82D and CPF81/CPF82
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPF81D Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CPF81D Datasheet HTML 1Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 2Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 3Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 4Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 5Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 6Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 7Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 8Page - Endress+Hauser Group Services AG CPF81D Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Orbipac CPF81D/CPF82D and CPF81/CPF82
2
Endress+Hauser
Function and system design
Measuring principle
pH measurement
The pH value is used as a unit of measurement for the acidity or alkalinity of a medium. The
membrane glass of the electrode delivers an electrochemical potential that depends on the pH value
of the medium. This potential is generated by the selective accumulation of H+ ions on the outer
layer of the membrane. As a result, an electrochemical boundary layer with an electrical potential
difference forms at this point. An integrated Ag/AgCl reference system serves as the required
reference electrode.
The measured voltage is converted to the corresponding pH value using the Nernst equation.
ORP measurement
The ORP potential is a unit of measurement for the state of equilibria between oxidizing and
reducing components of a medium. The ORP is measured using a platinum or gold electrode. Analog
to the pH measurement, an integrated Ag/AgCl reference system is used as a reference electrode.
Measuring system
A complete measuring system comprises:
• Sensor CPF81D, CPF81, CPF82D or CPF82
• Transmitter, e.g. Liquiline CM44x/R or Liquiline M CM42
• Measuring cable, e.g. CYK10 or sensor fixed cable
2
1
3
A0024721
 1
Example of a measuring system
1
Sensor CPF81D
2
Transmitter Liquiline CM44x
3
Measuring cable CYK10
Communication and data transmission
Communication with the transmitter
Always connect digital sensors with Memosens technology to a transmitter with Memosens
technology. Data transmission to a transmitter for analog sensors is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com