Electronic Components Datasheet Search
  English  ▼

X  

EE07 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE07
Description  Interchangeable Humidity / Temperature Probes with Digital Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE07 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE07 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE07 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE07 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
51
EE07
v2.6 / Modification rights reserved
www.epluse.com
Connection Diagram
1...GND
2...V+
3...DATA
4...CLOCK
M12x1 flange coupling with 50 mm (2") flying leads
(HA010705)
:
brown...GND
white.....V+
blue......DATA
black....CLOCK
grey......shielding
EE07:
M16x1.5
EE07-MxFx
75 (2.9)
M12x1
8
(0.3)
EE07-M3HS2
M12x1
50 (2)
8
(0.3)
75 (2.9)
EE07-M1HS2
M12x1
L1
8
(0.3)
Filter
L1
L2
Metal grid
79.5 mm (3.13")
38.5 mm (1.52")
H2O2
73.5 mm (2.89")
33 mm (1.3")
L2
E+E Sensor Coating
The E+E proprietary sensor coating is a hygroscopic layer applied to RH sensing element. The coating substantially
extends sensor life-time and ensures optimal measurement performance in corrosive environments (salts, off-shore
applications). Additionally, it improves the long term stability in dusty, dirty or oily applications by preventing stray
impedance caused by deposits on the active sensor surface or on the electrical connections.
Electrical connection
M12x1, 4 poles
Enclosure material
Polycarbonate or stainless steel
Protection rating
IP65
Electromagnetic compatibility3)
EN 61326-1 EN 61326-2-3
FCC Part15 Class A
ICES-003 Class A
Maximum cable length4)
30 m (98.4 ft)
Operating and storage conditions
-40...80 °C (-40...176 °F)
With coating:
0...100 %RH (operation)
Without coating:
0...95 %RH (operation)
0...95 %RH non-condensing (storage)
1) The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).
2) For further support literature refer to www.epluse.com/EE07.
3) No protection against surge
4) Depends on the bus frequency
Dimensions
Values in mm (inch)
Important note:
The manufacturer cannot be held responsible for personal injuries or damage to property as a result of
incorrect handling, installation, wiring, power supply and maintenance of the device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com