Electronic Components Datasheet Search
  English  ▼

X  

EE07 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # EE07
Description  Interchangeable Humidity / Temperature Probes with Digital Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE07 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  EE07 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE07 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE07 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
52
EE07
v2.6 / Modification rights reserved
www.epluse.com
Scope of Supply
- EE07 probe according to ordering guide
- Inspection certificate according to DIN EN 10204-3.1
- M12x1 flange coupling with 50 mm (2") flying leads
HA010705
- Connecting cable M12x1 - flying leads (1.5 m (4.9 ft) / 5 m (16.4 ft) / 10 m (32.8 ft))
HA0108
19/20/21
- Filter caps
HA0101xx
- Radiation shield with cable gland (M20x1.5)
HA010502
- Protection cap for M12 socket
HA010781
- Protection cap for M12 plug
HA010782
- Configuration adapter
see data sheet EE-PCA
Accessories
(for further information, see data sheet “Accessories“)
Ordering Guide
EE07-M1F2C1
Model:
RH + T
Enclosure Material:
Polycarbonate
Filter:
Membrane
Sensing element protection: With coating
Additional function:
None
Order Example
EE07-M1HS2F12C1AF4
Model:
RH + T
Enclosure Material:
Stainless steel
Filter:
H2O2
Sensing element protection: With coating
Additional function:
Energy saving
EE07-
Model
RH + T
M1
T
M3
Enclosure material
Polycarbonat
no code
no code
Stainless steel
HS2
HS2
Filter
Membrane
F2
F2
-
PTFE
F5
-
Metal grid
F3
-
H2O2
F12
F12
-
Stainless steel - metal grid
F9
-
E+E Sensor Coating
Without coating
no code
-
With coating
C1
-
Additional function
None
no code
no code
Energy saving
AF4
AF4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com