Electronic Components Datasheet Search
  English  ▼

X  

EE160 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # EE160
Description  Humidity and Temperature Sensor for Building Automation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE160 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  EE160 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet EE160
v2.9 / Modification rights reserved | 4
Features
Type T1 wall mount
Type T2 duct mount
Ø 12
Ø 0.47
46
1.81
5
0.2
90
±0.3
3.54
±0.11
CABLE GLAND
M16x1.5
90
±0.3
3.54
±0.11
Ø > 13
Ø > 0.51
~205
~8.07
101
3.98
19
0.75
GASKET
34
1.34
Ø 12
Ø 0.47
5
0.2
CABLE GLAND
M16x1.5
Mounting flange
in the scope of supply for type T2
60 ±0.3
2.36 ±0.11
Ø > 16
Ø > 0.63
6
0.24
Values in mm (inch)
Dimensions
The E+E proprietary sensor coating is a protective layer applied to the active surface of the sensing element. The coating
substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment (salts, off-
shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by preventing
stray impedance caused by deposits on the active sensor surface.
Protective Sensor Coating
Sensor coating
Sealed solder pads
Encapsulated
electronics
Sensing head with sensor coating and underfiller



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com