Electronic Components Datasheet Search
  English  ▼

X  

EE160 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE160
Description  Humidity and Temperature Sensor for Building Automation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE160 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE160 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE160 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet EE160
v2.9 / Modification rights reserved | 2
EE160
The EE160 is optimized for cost effective, accurate measurement of relative humidity (RH) and temperature (T) in building
automation.
Reliable
Best long-term stability even in polluted or aggressive environment is ensured by the encapsulated measurement
electronics inside the probe and E+E proprietary coating of the sensing element.
Versatile
The measured data is available on two voltage or current (2-wire) outputs, or on the RS485 interface with BACnet MS/TP
or Modbus RTU protocol. Additionally, the EE160 features a passive T output.
Functional Design
EE160 is available for wall or duct mount. The IP65 / NEMA 4X enclosure minimizes installation costs and provides
outstanding protection against contamination and condensation.
Comfortable Configuration and Adjustment
With an optional configuration adapter and the free PCS10 Product Configuration Software, the user can set the RS485
interface parameters, the output scaling and perform one or two point adjustment for RH and T.
EE160 for wall mounting
EE160 for duct mounting
Humidity and Temperature Sensor for Building Automation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com