Electronic Components Datasheet Search
  English  ▼

X  

EE360 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE360
Description  High-End Moisture in Oil Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE360 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE360 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Datasheet EE360
v2.6 / Modification rights reserved | 2
EE360
EE360 is dedicated for reliable monitoring of lubrication, hydraulic and insulation oils as well as diesel fuel. In addition to
highly accurate measurement of water activity (aw) and temperature (T), EE360 calculates
the absolute water content (x) in ppm.
Measurement Performance
The EE360 employs high-end E+E humidity sensing elements manufactured in state-of-the-art thin film technology, which
are the prerequisite for outstanding measurement accuracy.
Process Connection
The sensing probe can be employed up to 180 °C (356 °F),
20 bar (290 psi) and is available with either ISO or NPT slide fitting, which allows for variable immersion depth. Using the
optional ball valve, the probe can be mounted or removed even without process interruption.
Enclosure
The EE360 features an IP65 / NEMA 4X polycarbonate or stainless steel enclosure which facilitates installation and
maintenance. The enclosure can accommodate a 100 - 240 V AC supply unit or various extension modules.
Display and Outputs
The measured data is available on two analogue outputs, on the RS485 (Modbus RTU) or Ethernet-PoE (Modbus TCP)
interface and on the alarm (relay) outputs.
The TFT colour display shows up to four measurands simultaneously and offers extensive setup and diagnosis features.
The data logging function saves up to 20 000 measured values for each physical quantity. The logged data can be
displayed graphically directly on the device or easily downloaded via the USB interface.
Configurable and Adjustable
The configuration and adjustment of the EE360 can be performed either using the display and the push buttons or with the
free E+E PCS10 Product Configuration Software via the USB interface.
High-End Moisture in Oil Sensor
EE360 with stainless steel enclosure
EE360 with polycarbonate enclosure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com