Electronic Components Datasheet Search
  English  ▼

X  

EE360 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # EE360
Description  High-End Moisture in Oil Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE360 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  EE360 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE360 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Datasheet EE360
v2.6 / Modification rights reserved | 3
Enclosure
▪ IP65 / NEMA 4X protection rating
▪ Polycarbonate or stainless steel
▪ Easy mounting and service
▪ Screws secured in cover
Outputs
▪ 2 analogue outputs current / voltage
▪ Error indication according NAMUR
▪ Modbus RTU / Modbus TCP
▪ 2 alarm outputs
▪ Configurable via display or software
3.5" TFT colour display
▪ Shows up to 4 measurands simultaneously
▪ Layout and measurands freely selectable
▪ Data logger for 20 000 values per measurand
▪ Logged data shown graphically
▪ Diagnosis functions
▪ Intuitive device setup with push buttons
Probe
▪ Oil temperature -40...+180 °C (-40...+356 °F)
▪ Pressure tight up to 20 bar (290 psi)
▪ ISO or NPT process connection
▪ Pluggable probe option
USB service interface
▪ Download logged data
▪ Perform configuration,
adjustment and firmware update
▪ 4 status LEDs
Features
Inspection certificate
According to DIN EN 10204-3.1
Ball valve set
▪ Probe mounting and removal
without process interruption



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com