Electronic Components Datasheet Search
  English  ▼

X  

EE451 Datasheet(PDF) 5 Page - E+E Elektronik Ges.m.b.H

Part # EE451
Description  Wall-mounted Temperature Sensor for Indoor and Outdoor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE451 Datasheet(HTML) 5 Page - E+E Elektronik Ges.m.b.H

  EE451 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet EE451
v1.9 / Modification rights reserved | 5
Technical Data
Measurands
Temperature (T) - Active
Measuring range
-40 °C…+70 °C (-40...+158 °F)
Accuracy
@ 20 °C (68 °F)
±0.3 °C (±0.54 °F)
Temperature (T) - Passive
Measuring range
-40 °C…+70 °C (-40...+158 °F)
Sensor type
Nominal resistance
Sensitivity
Standard
Pt100 DIN B
R0: 100 Ω
TC: 3.850 x 10-3/°C
DIN EN 60751
Pt1000 DIN B
R0: 1 000 Ω
TC: 3.850 x 10-3/°C
DIN EN 60751
NTC10k B3950
R25: 10 kΩ ±0.5 %
B25/85: 3 989 K
(B25/50: 3 950 K ± 1.0 %)
-
NTC20k B4286
R25: 20 kΩ ± 0.2 °C
B25/85: 4 286 K
(B25/85: 4 286 K ± 1.0 %)
-
Ni1000 TK6180 DIN B
R0: 1 000 Ω
TC: 6 180 ppm/K
DIN 43760
Ni1000 TK5000 DIN B
R0: 1 000 Ω
TC: 5 000 ppm/K
DIN 43760
Outputs
Analogue
Analogue output
0 - 10 V
-1mA < IL < 1 mA
IL = load current
4 - 20 mA (2-wire)
RL ≤ 500 Ω
RL = load resistance
T Sensor Passive
Sensor connection
2-wire connection
Measuring current, typ.
<1 mA (according to technical data of the specific T sensing element)
Digital
Digital interface
RS485 (EE451 = 1 unit load)
Protocol
Factory settings
Supported Baud rates
Measured data types
Modbus RTU
Baud rate see order information, 8 data bits, parity even, 1 stop bit, Modbus address 66
9 600, 19 200 and 38 400
FLOAT32 and INT16
Protocol
Factory settings
Supported Baud rates
BACnet MS/TP
Baud rate see order information, 8 data bits, parity none, 1 stop bit, BACnet address 66
9 600, 19 200, 38 400, 57 600, 76 800 and 115 200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com