Electronic Components Datasheet Search
  English  ▼

X  

EE451 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # EE451
Description  Wall-mounted Temperature Sensor for Indoor and Outdoor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE451 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  EE451 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE451 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Datasheet EE451
v1.9 / Modification rights reserved | 3
Features
Test report
According to DIN EN 10204-2.2
External mounting holes
▪ Mounting with closed cover
▪ Protection against construction site pollution
▪ Easy and fast mounting
Bayonet screws
▪ Open / close with a ¼ rotation
Enclosure
▪ Protection rating: IP65 / Nema 4X
▪ Polycarbonate (PC)
Mounting bracket
▪ Distance to wall for
correct measurement of ambient temperature
LC display
▪ 38 x 20 mm (1.5 x 0.8")



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com