Electronic Components Datasheet Search
  English  ▼

X  

EE75 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE75
Description  Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE75 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE75 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE75 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet EE75
v2.5 / Modification rights reserved | 2
EE75
The EE75 air velocity (v) and temperature (T) sensor is optimized for best measurement results in challenging air flow
applications in most various industries.
Outstanding Measurement Performance
With its multipoint v factory adjustment the EE75 meets the highest accuracy requirements. The E+E thin-film sensing
element employed operates on the hot-film anemometer principle, which stands for excellent accuracy from 0.06 m/s
(12 ft/min) up to 40 m/s (8000 ft/min) and low angular dependency. The integrated temperature compensation combined
with the robust mechanical design, makes the EE75 suitable for process temperatures from -40 °C (-40 °F) up to 120 °C
(248 °F).
Versatility
The EE75 is available for duct mount as well as with remote probe in various probe lengths. The remote probe types
feature different cable lengths and pressure tight versions up to 10 bar (145 psi). The IP65 / NEMA 4 rated metal enclosure
facilitates easy installation and maintenance. The v and T measured data is available on two current or voltage analogue
outputs. In addition to v and T values EE75 calculates the volume flow V' in m3/min or ft3/min.
Configurable and Adjustable
The setup and adjustment of the EE75 can be easily performed using the configuration software and USB interface cable
included in the scope of supply.
Highly Accurate Air/Gas Velocity Sensor for Industrial Applications
EE75 for duct mount
EE75 with remote probe
EE75 with remote probe, pressure-tight up to 10 bar (145 psi)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com