| Electronic Components Datasheet Search |
|
TES201 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H |
|
|
|||||||||||||||||||||||||||||
TES201 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H |
|
2 / 8 page ![]() Datasheet TES201 v1.0 / Modification rights reserved | 2 TES201 The TES201 accurately measures room temperature (T) in residential and commercial HVAC systems. Outputs and Digital Interface The measured data is available either on the analogue output or on the RS485 interface with Modbus RTU or BACnet MS/TP protocol. Functional Design, Cost-saving Installation The elegant enclosure is available in two sizes according to regional standards and features an optional display. With its innovative design of sensor positioning, the effect of false air ingress is minimized. The back cover contains just the push-in spring terminals and can be mounted and wired without the front cover containing the elctronics. Thus, the active part of the device is not exposed to construction site pollution and ca be simply snapped onto the back cover right before commissioning. Besides, the active part can be replaced without tools within seconds. Configuration The digital version with RS485 interface can be set up and configured via PC with the free PCS10 Product Configuration Software and an optional configuration adapter. Room Temperature Sensor TES201 in US format with display TES201 in US format with display |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |