Electronic Components Datasheet Search
  English  ▼

X  

TES201 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # TES201
Description  Room Sensor for Temperature
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

TES201 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  TES201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet TES201
v1.0 / Modification rights reserved | 3
Features
Inspection certificate
According to DIN EN 10204-3.1
available via E+E Certificate Service
Measurement performance
▪ High T accuracy
▪ Excellent long term stability
▪ State-of-the-art E+E T sensing element
▪ Patented sensor technology
Enclosure and connection
▪ Innovative design avoids false air ingress
▪ Time saving installation and wiring
▪ Snap-on without tools
▪ Push-in spring terminals
▪ All electronics inside the front cover
▪ Smooth cover surface
▪ Dust repellent
▪ Easy cleaning
▪ EU and US format
▪ UL94HB approved enclosure material
Outputs
▪ Analogue output
▪ 0 – 10 V
▪ 4 – 20 mA
▪ RS485 interface with
▪ Modbus RTU
▪ BACnet MS/TP
▪ Large graphic display



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com