Electronic Components Datasheet Search
  English  ▼

X  

CDCL6010RGZRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010RGZRG4
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010RGZRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCL6010RGZRG4 Datasheet HTML 3Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 4Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 5Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 6Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 7Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 8Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 9Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 10Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
CDCL6010
SLLS780 – FEBRUARY 2007
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO.
TYPE
DESCRIPTION
8, 11, 14,17,
20, 23, 26,
VDD
Power
1.8V digital power supply.
29, 32, 35,
38, 41
AVDD
2, 5, 44, 47
Power
1.8V analog power supply.
Exposed
VSS
thermal pad
Power
Ground reference.
and pin 12
VCP, VCN
1, 48
I
External loop filter terminals.
Differential LVDS input. Single-ended 1.8V input can be dc-coupled to pin 3 with pin 4 either
CLKP, CLKN
3, 4
I
tied to pin 3 (recommended) or left open.
YP0, YN0
6, 7
YP1, YN1
9, 10
YP2, YN2
15, 16
YP3, YN3
18, 19
YP4, YN4
21, 22
10 differential CML outputs with support for jitter cleaning and clock multiplication. Support
O
YP5, YN5
27, 28
optional PLL bypass mode when jitter cleaning is not needed.
YP6, YN6
30, 31
YP7, YN7
33, 34
YP8, YN8
40, 39
YP9, YN9
43, 42
YP10, YN10
46, 45
O
Differential CML output. Straight bypass with no jitter cleaning and no clock multiplication.
SCL
24
I
SDA/SCL serial clock pin. Open drain. Always connect to a pull-up resistor.
SDA
25
I/O
SDA/SCL bidirectional serial data pin. Open drain. Always connect to a pull-up resistor.
STATUS
13
O
LVCMOS status signaling. High status indicates PLL lock.
Configurable least significant bits (ADD[1:0]) of the SDA/SCL device address. The fixed
ADD1, ADD0
37, 36
I
most significant bits (ADD[6:2]) of the 7-bit device address are 11010.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com