Electronic Components Datasheet Search
  English  ▼

X  

PTH04T221WAST Datasheet(PDF) 22 Page - Texas Instruments

Part # PTH04T221WAST
Description  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T221WAST Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTH04T221WAST Datasheet HTML 18Page - Texas Instruments PTH04T221WAST Datasheet HTML 19Page - Texas Instruments PTH04T221WAST Datasheet HTML 20Page - Texas Instruments PTH04T221WAST Datasheet HTML 21Page - Texas Instruments PTH04T221WAST Datasheet HTML 22Page - Texas Instruments PTH04T221WAST Datasheet HTML 23Page - Texas Instruments PTH04T221WAST Datasheet HTML 24Page - Texas Instruments PTH04T221WAST Datasheet HTML 25Page - Texas Instruments PTH04T221WAST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.ti.com
UNDERVOLTAGE LOCKOUT (UVLO)
R
UVLO +
68.54 * VTHD
V
THD * 2.07
kW
(5)
Inhibit/
UVLO Prog
GND
3
1
10
2
+
GND
VI
CI
RUVLO
VI
UDG−06052
PTH04T220W/221W
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
The PTH04T220/221W power modules incorporate an input undervoltage lockout (UVLO). The UVLO feature
prevents the operation of the module until there is sufficient input voltage to produce a valid output voltage. This
enables the module to provide a clean, monotonic powerup for the load circuit, and also limits the magnitude of
current drawn from the regulator’s input source during the power-up sequence.
The UVLO characteristic is defined by the ON threshold (VTHD) voltage. Below the ON threshold, the Inhibit
control is overridden, and the module does not produce an output. The hysteresis voltage, which is the
difference between the ON and OFF threshold voltages, is set at 500 mV. The hysteresis prevents start-up
oscillations, which can occur if the input voltage droops slightly when the module begins drawing current from
the input source.
The UVLO feature of the PTH04T220/221W module allows for limited adjustment of the ON threshold voltage.
The adjustment is made via the Inhbit/UVLO Prog control pin (pin 10) using a single resistor (see Figure 20).
When pin 10 is left open circuit, the ON threshold voltage is internally set to its default value, which is 1.95 volts.
The ON threshold might need to be raised if the module is powered from a tightly regulated 5-V bus. Adjusting
the threshold prevents the module from operating if the input bus fails to completely rise to its specified
regulation voltage.
Equation 5 determines the value of RUVLO required to adjust VTHD to a new value. The default value is 1.95 V,
and it may only be adjusted to a higher value.
Table 7 lists the standard resistor values for RUVLO for different values of the on-threshold (VTHD) voltage.
Table 7. Standard RUVLO values for Various VTHD values
VTHD(V)
2.5
3.0
3.5
4.0
4.5
RUVLO (kΩ)
154
71.5
53.6
33.2
26.7
Figure 20. Undervoltage Lockout Adjustment Resistor Placement
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com