Electronic Components Datasheet Search
  English  ▼

X  

PTH04T221WAST Datasheet(PDF) 26 Page - Texas Instruments

Part # PTH04T221WAST
Description  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T221WAST Datasheet(HTML) 26 Page - Texas Instruments

Back Button PTH04T221WAST Datasheet HTML 22Page - Texas Instruments PTH04T221WAST Datasheet HTML 23Page - Texas Instruments PTH04T221WAST Datasheet HTML 24Page - Texas Instruments PTH04T221WAST Datasheet HTML 25Page - Texas Instruments PTH04T221WAST Datasheet HTML 26Page - Texas Instruments PTH04T221WAST Datasheet HTML 27Page - Texas Instruments PTH04T221WAST Datasheet HTML 28Page - Texas Instruments PTH04T221WAST Datasheet HTML 29Page - Texas Instruments PTH04T221WAST Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
www.ti.com
0.7
4.0
3.5
0.8
0.9
1.0
1.1
1.2
5.0
4.5
6.0
5.5
325 kHz
VO(min) − Minimum Output Voltage − V
325 kHz
350 kHz
375 kHz
400 kHz
350 kHz
375 kHz
400 kHz
UDG−06072
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
The maximum input voltage allowed for proper synchronization is duty cycle limited. When using Smart Sync,
the maximum allowable input voltage varies as a function of output voltage and switching frequency.
Operationally, the maximum input voltage is inversely proportional to switching frequency. Synchronizing to a
higher frequency causes restrictions on the input voltage range. For a given switching frequency, Figure 26
shows how the maximum input voltage varies with output voltage.
For example, for a module operating at 400 kHz and an output voltage of 0.8 V, the maximum input voltage is
5.3 V. Exceeding the maximum input voltage may cause in an increase in output ripple voltage and increased
output voltage variation.
As shown in Figure 26, the input voltage and output voltage limits apply when synchronizing to frequencies
greater than the free-running frequency. See the Electrical Characteristics table for the synchronization
frequency range limits.
Maximum Input Voltage
vs
Minimum Output Voltage
Figure 26.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com