Electronic Components Datasheet Search
  English  ▼

X  

PTH08T261WAST Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T261WAST
Description  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T261WAST Datasheet(HTML) 25 Page - Texas Instruments

Back Button PTH08T261WAST Datasheet HTML 21Page - Texas Instruments PTH08T261WAST Datasheet HTML 22Page - Texas Instruments PTH08T261WAST Datasheet HTML 23Page - Texas Instruments PTH08T261WAST Datasheet HTML 24Page - Texas Instruments PTH08T261WAST Datasheet HTML 25Page - Texas Instruments PTH08T261WAST Datasheet HTML 26Page - Texas Instruments PTH08T261WAST Datasheet HTML 27Page - Texas Instruments PTH08T261WAST Datasheet HTML 28Page - Texas Instruments PTH08T261WAST Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
www.ti.com
Smart Sync
V
O
V
I
INH/UVLO
-Sense
GND
GND
Track SYNC TT
VoAdj
C 2
330
F
I
m
C 2
200
F
O
m
R
2
SET
V =5V
I
V 1
O
V 2
O
PTH08T260W
V
CC
GND
f
=2xf
clock
modules
CLK
CLR
SN74LVC2G74
0
o
PRE
D
Q
Q
180
o
+Sense
GND
C 1
200
F
O
m
R
1
SET
C 1
330
F
I
m
V
O
V
I
INH/UVLO
-Sense
GND
Track SYNC TT
VoAdj
PTH08T230W
+Sense
PTH08T260W, PTH08T261W
SLTS272A – DECEMBER 2006 – REVISED MAY 2007
Smart Sync is a feature that allows multiple power modules to be synchronized to a common frequency. Driving
the Smart Sync pins with an external oscillator set to the desired frequency, synchronizes all connected modules
to the selected frequency. The synchronization frequency can be higher or lower than the nominal switching
frequency of the modules within the range of 240 kHz to 400 kHz (see Electrical Specifications table for
frequency limits). Synchronizing modules powered from the same bus, eliminates beat frequencies reflected
back to the input supply, and also reduces EMI filtering requirements. These are the benefits of Smart Sync.
Power modules can also be synchronized out of phase to minimize source current loading and minimize input
capacitance requirements. Figure 22 shows a standard circuit with two modules syncronized 180
° out of phase
using a D flip-flop.
Figure 22. Typical SmartSync Circuit
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com