Electronic Components Datasheet Search
  English  ▼

X  

PTH08T261WAST Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T261WAST
Description  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T261WAST Datasheet(HTML) 26 Page - Texas Instruments

Back Button PTH08T261WAST Datasheet HTML 22Page - Texas Instruments PTH08T261WAST Datasheet HTML 23Page - Texas Instruments PTH08T261WAST Datasheet HTML 24Page - Texas Instruments PTH08T261WAST Datasheet HTML 25Page - Texas Instruments PTH08T261WAST Datasheet HTML 26Page - Texas Instruments PTH08T261WAST Datasheet HTML 27Page - Texas Instruments PTH08T261WAST Datasheet HTML 28Page - Texas Instruments PTH08T261WAST Datasheet HTML 29Page - Texas Instruments PTH08T261WAST Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
www.ti.com
Smart Sync Input Voltage Limits
V -OutputVoltage-V
O
240kHz
400kHz
350kHz
300kHz
0.7
15
0.9
1.1
1.3
1.5
1.7
2.5
1.9
2.1
2.3
5
14
7
6
9
8
11
10
13
12
Auto-Track™ Function
How Auto-Track™ Works
PTH08T260W, PTH08T261W
SLTS272A – DECEMBER 2006 – REVISED MAY 2007
The maximum input voltage allowed for proper synchronization is duty cycle limited. When using Smart Sync,
the maximum allowable input voltage varies as a function of output voltage and switching frequency.
Operationally, the maximum input voltage is inversely proportional to switching frequency. Synchronizing to a
higher frequency causes greater restrictions on the input voltage range. For a given switching frequency,
Figure 23 shows how the maximum input voltage varies with output voltage.
For example, for a module operating at 400 kHz and an output voltage of 1.2 V, the maximum input voltage is
10 V. Exceeding the maximum input voltage may cause in an increase in output ripple voltage and increased
output voltage variation.
As shown in Figure 23, input voltages below 6 V can operate down to the minimum output voltage over the
entire synchronization frequency range. See the Electrical Characteristics table for the synchronization
frequency range limits.
Figure 23. Input Voltage vs Output Voltage
The Auto-Track function is unique to the PTH/PTV family, and is available with all POLA products. Auto-Track
was designed to simplify the amount of circuitry required to make the output voltage from each module power up
and power down in sequence. The sequencing of two or more supply voltages during power up is a common
requirement for complex mixed-signal applications that use dual-voltage VLSI ICs such as the TMS320™ DSP
family, microprocessors, and ASICs.
Auto-Track works by forcing the module output voltage to follow a voltage presented at the Track control pin (1).
This control range is limited to between 0 V and the module set-point voltage. Once the track-pin voltage is
raised above the set-point voltage, the module output remains at its set-point (2). As an example, if the Track pin
of a 2.5-V regulator is at 1 V, the regulated output is 1 V. If the voltage at the Track pin rises to 3 V, the
regulated output does not go higher than 2.5 V.
When under Auto-Track control, the regulated output from the module follows the voltage at its Track pin on a
volt-for-volt basis. By connecting the Track pin of a number of these modules together, the output voltages follow
a common signal during power up and power down. The control signal can be an externally generated master
ramp waveform, or the output voltage from another power supply circuit (3). For convenience, the Track input
incorporates an internal RC-charge circuit. This operates off the module input voltage to produce a suitable
rising waveform at power up.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com