Electronic Components Datasheet Search
  English  ▼

X  

85166301 Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 85166301
Description  MB12_MPAM_MPAM_A240y_xx.x_BB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

85166301 Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  85166301 Datasheet HTML 1Page - Huber+Suhner, Inc. 85166301 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Assemblies
MB12_MPAM_MPAM_A240y_xx.x_BB
Fiber Optic Cable
Cable Description
Multi fiber bundle cable
Fiber quantity
12
Fiber type
E9/125A2
CPR class
B2ca-s1a,d0,a1
Strain relief
aramide yarn
Inner jacket diameter
2mm
Outer jacket diameter
4mm
Outer jacket material
LSFH
Tensile strength during installation
500 N
Tensile strength in service
200 N
Min. bending radius during installation
15 mm
Min. bending radius in service
15 mm
Crush resistance during installation
2000 N/dm
Crush resistance in service
100 N/dm
Fire propagation standard
IEC 60332-1-2
Ordering Information Table
Item number
Item description
Length in m
85166291
MB12_MPAM_MPAM_A240y_05.0_BB
5
85184251
MB12_MPAM_MPAM_A240y_07.0_BB
7
85166292
MB12_MPAM_MPAM_A240y_10.0_BB
10
85184252
MB12_MPAM_MPAM_A240y_12.0_BB
12
85166293
MB12_MPAM_MPAM_A240y_15.0_BB
15
85184253
MB12_MPAM_MPAM_A240y_17.0_BB
17
85166294
MB12_MPAM_MPAM_A240y_20.0_BB
20
85184254
MB12_MPAM_MPAM_A240y_22.0_BB
22
85166295
MB12_MPAM_MPAM_A240y_25.0_BB
25
85184255
MB12_MPAM_MPAM_A240y_27.0_BB
27
85166296
MB12_MPAM_MPAM_A240y_30.0_BB
30
85184256
MB12_MPAM_MPAM_A240y_32.0_BB
32
85166297
MB12_MPAM_MPAM_A240y_35.0_BB
35
85184257
MB12_MPAM_MPAM_A240y_37.0_BB
37
85166298
MB12_MPAM_MPAM_A240y_40.0_BB
40
85184258
MB12_MPAM_MPAM_A240y_42.0_BB
42
85184309
MB12_MPAM_MPAM_A240y_45.0_BB
45
85184310
MB12_MPAM_MPAM_A240y_47.0_BB
47
85166299
MB12_MPAM_MPAM_A240y_50.0_BB
50
85166300
MB12_MPAM_MPAM_A240y_60.0_BB
60
85166301
MB12_MPAM_MPAM_A240y_70.0_BB
70
85166302
MB12_MPAM_MPAM_A240y_80.0_BB
80
85166303
MB12_MPAM_MPAM_A240y_90.0_BB
90
85166304
MB12_MPAM_MPAM_A240y_0100_BB
100
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P28521 / Date of publication: 30.10.2023 / uncontrolled copy
hubersuhner.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com