Electronic Components Datasheet Search
  English  ▼

X  

85166301 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 85166301
Description  MB12_MPAM_MPAM_A240y_xx.x_BB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

85166301 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  85166301 Datasheet HTML 1Page - Huber+Suhner, Inc. 85166301 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Assemblies
MB12_MPAM_MPAM_A240y_xx.x_BB
Properties
• Floating ferrule design
optimizing physical
contact
• Removable housing for
quick gender change and
easy re-polishing
• Elliptical guide pin tip to
enhance mating abilities
General data
Assembly family
Base-12 MTP to MTP
Application Area
Indoor
Fiber quantity
12 pcs
Polarity
Methode B
Pe ormance specification standard
IEC 61753-1 category C
Flammability rating
UL 94 V-0
Operation temperature
-25 °C ... 70°C
Side A / Le
Type
Fiber Optic Connector
Connector family
MTP Pro®
Gender
Male
Pe ormance class H+S
B
Polishing
APC
Insertion loss max.
≤ 0.35 dB
Insertion loss typical
≤ 0.1 dB
Return loss
≥ 60 dB
Side B / Right
Type
Fiber Optic Connector
Connector family
MTP Pro®
Gender
Male
Pe ormance class H+S
B
Polishing
APC
Insertion loss max.
≤ 0.35 dB
Insertion loss typical
≤ 0.1 dB
Return loss
≥ 60 dB
hubersuhner.com


Similar Part No. - 85166301

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85166339 HUBERSUHNER-85166339 Datasheet
292Kb / 1P
LISA MTP cassette le , 12xOM4, LC UPC, 2xMTP12, NS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com