Electronic Components Datasheet Search
  English  ▼

X  

FSUSB22QSC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSUSB22QSC
Description  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22QSC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSUSB22QSC Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The Recommended Operating Conditions tables will define the conditions
for actual device operation.
Note 3: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 4: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 5: Typical values are at VCC 3.0V and TA 25qC
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 7: Flatness is defined as the difference between the maximum and minimum value On Resistance over the specified range of conditions.
Supply Voltage (VCC)
0.5V to 4.6V
DC Switch Voltage (VS)
0.5V to VCC 0.05V
DC Input Voltage (VIN) (Note 3)
0.5V to 4.6V
DC Input Diode Current (lIK) VIN  0V
50 mA
DC Output (IOUT) Sink Current
128 mA
DC VCC/GND Current (ICC/IGND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150 qC
ESD
Human Body Model
4kV
Power Supply Operating (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0V to VCC
Output Voltage (VOUT)
0V to VCC
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)
40 qC to 85 qC
Symbol
Parameter
VCC
(V)
TA 40 qC to 85 qC
Units
Conditions
Min
Typ
(Note 5)
Max
VIK
Clamp Diode Voltage
3.0
1.2
V
IIN 18 mA
VIH
HIGH Level Input Voltage
3.0 - 3.6
2.0
V
VIL
LOW Level Input Voltage
3.0 - 3.6
0.8
V
II
Input Leakage Current
3.6
r1.0
PA0 d VIN d 3.6V
IOFF
OFF-STATE Leakage Current
3.6
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
3.0
5.0
7.0
:
VIN 0.8V
(Note 6)
ION 8 mA
3.0
4.5
6.5
:
VIN 3.0V
ION 8 mA
'RON
Delta RON
3.0
0.3
:
VIN 0.8V, VIN 0V - 1.5V, ION 8 mA
RFLAT(ON)
On Resistance Flatness (Note 7)
3.0
1.0
:
IOUT 8 mA
ICC
Quiescent Supply Current
3.6
1.0
PAVIN VCC or GND, IOUT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com