Electronic Components Datasheet Search
  English  ▼

X  

FSUSB22QSC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSUSB22QSC
Description  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22QSC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSUSB22QSC Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 9Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 10Page - Fairchild Semiconductor FSUSB22QSC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification
Tape Format for DQFN
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
BQX
Carrier
2500/3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com