Electronic Components Datasheet Search
  English  ▼

X  

LG5100 Datasheet(PDF) 2 Page - QuWireless

Part # LG5100
Description  INTEGRATED MULTI-BAND LTE OMNI ANTENNA LORA ANTENNA PLACE TO INSTALL ROBUSTEL LG5100 (ALL-IN-ONE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

LG5100 Datasheet(HTML) 2 Page - QuWireless

  LG5100 Datasheet HTML 1Page - QuWireless LG5100 Datasheet HTML 2Page - QuWireless LG5100 Datasheet HTML 3Page - QuWireless LG5100 Datasheet HTML 4Page - QuWireless LG5100 Datasheet HTML 5Page - QuWireless LG5100 Datasheet HTML 6Page - QuWireless LG5100 Datasheet HTML 7Page - QuWireless LG5100 Datasheet HTML 8Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTE ANTENNA SPECIFICATION
FREQUENCY
694 - 960 MHz
1.7 - 2.2 GHz
2.5 - 2.7 GHz
GAIN
694 - 960 MHz : 2 dBi
1.7 - 2.2 GHz : 2 dBi
2.5 - 2.7 GHz : 3 dBi
SUPPORTED LTE/5G BANDS
1, 2, 3, 4, 5, 7, 8, 9, 10, 12, 13, 14, 17, 18, 19, 20, 25, 26, 27, 28, 29, 33, 34,
35, 36, 37, 38, 39, 44, 65, 66, 67, 68, 69, 85, 103, n80, n81, n82, n83,
n84, n86, n89, n95, n98, n100, n101, n256
VSWR
<1.50, max <2.50
BEAMWIDTH
360°/25° ±5°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
LORA ANTENNA SPECIFICATION
FREQUENCY
840-940 MHz (EU868, IN865, RU864, US915, AU915, AS923, KR920)
GAIN
3 dBi
VSWR
<1.20, max <2.00
BEAMWIDTH
360°/70° ±10°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
FRONT TO BACK
>17 dB
DATASHEET / QuMax Omni for Robustel LG5100 LoRa
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com