Electronic Components Datasheet Search
  English  ▼

X  

LG5100 Datasheet(PDF) 3 Page - QuWireless

Part # LG5100
Description  INTEGRATED MULTI-BAND LTE OMNI ANTENNA LORA ANTENNA PLACE TO INSTALL ROBUSTEL LG5100 (ALL-IN-ONE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

LG5100 Datasheet(HTML) 3 Page - QuWireless

  LG5100 Datasheet HTML 1Page - QuWireless LG5100 Datasheet HTML 2Page - QuWireless LG5100 Datasheet HTML 3Page - QuWireless LG5100 Datasheet HTML 4Page - QuWireless LG5100 Datasheet HTML 5Page - QuWireless LG5100 Datasheet HTML 6Page - QuWireless LG5100 Datasheet HTML 7Page - QuWireless LG5100 Datasheet HTML 8Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MECHANICAL SPECIFICATION
MATERIALS
BS, aluminum, PTFE, Fiberglass
INGRESS PROTECTION
IP67
CONNECTOR TYPE
RJ45
DIMENSIONS
272 x 276 x 96 mm
10.71 x 10.87 x 3.78 inch
WEIGHT
1.8 kg
3.97 lbs
OPERATING TEMPERATURE
From -40°C to 75°C
From -40°F to 167°F
FREQUENCY BANDS
LTE / 4G GSM
617
MHz
5
8
12
13
14
17
18
19
20
26
27
28
29
44
67
68
85
103
n81
n82
n83
n89
n100
960
MHz
LTE / 4G UMTS
1710
MHz
1
2
3
4
9
10
25
33
34
35
36
37
39
n80
n84
n86
n95
n98
n101
2170
MHz
LTE / 4G
2400
MHz
7
38
69
2700
MHz
DATASHEET / QuMax Omni for Robustel LG5100 LoRa
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 3
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com