Electronic Components Datasheet Search
  English  ▼

X  

TCR100 Datasheet(PDF) 2 Page - QuWireless

Part # TCR100
Description  INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

TCR100 Datasheet(HTML) 2 Page - QuWireless

  TCR100 Datasheet HTML 1Page - QuWireless TCR100 Datasheet HTML 2Page - QuWireless TCR100 Datasheet HTML 3Page - QuWireless TCR100 Datasheet HTML 4Page - QuWireless TCR100 Datasheet HTML 5Page - QuWireless TCR100 Datasheet HTML 6Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LTE SPECIFICATION
FREQUENCY
0.694-0.96 GHz
1.7 - 2.2 GHz
2.5 - 2.7 GHz
SUPPORTED LTE/5G BANDS
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 12, 13, 14, 17, 18, 19, 20, 23, 25, 26, 27, 28, 29,
33, 34, 35, 36, 37, 38, 39, 44, 59, 62, 65, 66, 67, 68, 69, 85, n80, n81,
n82, n83, n84, n86, n89, n95
GAIN
0.694 - 0.96 GHz : 4 dBi
1.7 - 2.2 GHz : 5 dBi
2.5 - 2.7 GHz : 6 dBi
VSWR
<1.50, max <2.50
BEAMWIDTH
360°/25° +/- 5°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
MECHANICAL SPECIFICATION
MATERIAL
BS, aluminum, PTFE, Fiberglass
INGRESS PROTECTION
IP67
CONNECTOR TYPE
RJ45
DIMENSIONS
272 x 276 x 80 mm
10.71 x 10.87 x 3.14 inch
WEIGHT
1.8 kg
3.97 lbs
OPERATING TEMPERATURE
From -40°C to 75°C
From -40°F to 167°F
DATASHEET / QuMax Omni for Teltonika TCR100
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com