Electronic Components Datasheet Search
  English  ▼

X  

TCR100 Datasheet(PDF) 1 Page - QuWireless

Part # TCR100
Description  INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

TCR100 Datasheet(HTML) 1 Page - QuWireless

  TCR100 Datasheet HTML 1Page - QuWireless TCR100 Datasheet HTML 2Page - QuWireless TCR100 Datasheet HTML 3Page - QuWireless TCR100 Datasheet HTML 4Page - QuWireless TCR100 Datasheet HTML 5Page - QuWireless TCR100 Datasheet HTML 6Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QuMax Omni for Teltonika TCR100
INTEGRATED MULTI-BAND LTE OMNI ANTENNA + PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
QuMax Omni all-in-one antenna for Teltonika TCR100 router is a perfect outdoor device for mobile and fixed
installations like industrial, public, CCTV, hotspots, yachts, boats, campers, RV etc. It has embedded omni LTE
antenna. If you use TCR100 with QuMax Omni antenna, you get an integrated complete solution with embedded
router and multi band antennas in one enclosure.
DATASHEET / AT100MO
VERSION / 2.07
OUTDOOR ANTENNA WORKS IN ANY
WEATHER CONDITIONS, IP67
ANTENNA PERFECTLY MATCHED WITH
THE TELTONIKA TCR100
ALL ANTENNAS AND TELTONIKA
ROUTER INTEGRATED IN ONE
ENCLOSURE
MADE IN EUROPE


Similar Part No. - TCR100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
1.3 A CMOS Ultra Low Dropout Regulator
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
TCR15AG065 TOSHIBA-TCR15AG065 Datasheet
404Kb / 13P
1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
TCR15AG07 TOSHIBA-TCR15AG07 Datasheet
404Kb / 13P
1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
TCR15AG075 TOSHIBA-TCR15AG075 Datasheet
404Kb / 13P
1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results

Similar Description - TCR100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4253 ATMEL-ATR4253 Datasheet
330Kb / 9P
Highly Integrated - All-in-one Active Antenna IC Integrated AGC
logo
Panasonic Semiconductor
PAN1322 PANASONIC-PAN1322 Datasheet
321Kb / 2P
All-In-One, Place and Play Bluetooth Module
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A Datasheet
299Kb / 5P
4G Cellular & ISM band Omni Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
logo
Taoglas antenna solutio...
IDAS.C.001 TAOGLAS-IDAS.C.001 Datasheet
4Mb / 24P
iDAS MIMO LTE Ceiling Mount Omni Antenna
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
Wide Band LTE Monopole Antenna
logo
Maxtena Inc.
MEA-698-2700-AM MAXTENA-MEA-698-2700-AM Datasheet
673Kb / 3P
OMNI-DIRECTIONAL LTE ANTENNA
REV A
logo
PCTEL, Inc.
GL7X1-IOTCM-5FT PCTEL-GL7X1-IOTCM-5FT Datasheet
342Kb / 2P
Cabinet Mount GNSS Multi-Band Antenna, Multi-Port LTE and 802.11ac MIMO
logo
NimbeLink Corp.
AC-HPUE NIMBELINK-AC-HPUE Datasheet
244Kb / 4P
Multi-Band High Power LTE Antenna-Modem
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com