Electronic Components Datasheet Search
  English  ▼

X  

ADPL13602 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPL13602
Description  3.5V to 36V, 2.4A, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL13602 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPL13602 Datasheet HTML 17Page - Analog Devices ADPL13602 Datasheet HTML 18Page - Analog Devices ADPL13602 Datasheet HTML 19Page - Analog Devices ADPL13602 Datasheet HTML 20Page - Analog Devices ADPL13602 Datasheet HTML 21Page - Analog Devices ADPL13602 Datasheet HTML 22Page - Analog Devices ADPL13602 Datasheet HTML 23Page - Analog Devices ADPL13602 Datasheet HTML 24Page - Analog Devices ADPL13602 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADPL13602
analog.com
Rev. 0
21 of 28
Power Dissipation
At a particular operating condition, the power losses that lead to temperature rise of the part are estimated as
follows:
PLOSS = (POUT × (
1
η
− 1)) − (
IOUT2 × RDCR)
POUT = VOUT × IOUT
where:
POUT = Output power
η = Efficiency of the converter
RDCR = DC resistance of the inductor (see the Typical Performance Characteristics for more information on efficiency
at typical operating conditions).
For a typical multilayer board, the thermal performance metrics for the package are as follows:
θJA= 38°C/W
θJC= 4°C/W
The junction temperature of the device can be estimated at any given maximum ambient temperature (TA(MAX)) from
the following equation:
TJ(MAX) = TA(MAX) + (θJA × PLOSS)
If the application has a thermal-management system that ensures that the exposed pad of the device is maintained
at a given temperature (TEP(MAX)) by using proper heat sinks, then the junction temperature of the device can be
estimated at any given maximum ambient temperature as:
TJ(MAX) = TEP(MAX) + (θJC × PLOSS)
Note: Junction temperatures greater than +125°C degrade operating lifetimes.
Printed Circuit Board (PCB) Layout Guidelines
All connections carrying pulsed currents must be very short and as wide as possible. The inductance of these
connections must be kept to an absolute minimum due to the high di/dt of the currents. Since the inductance of a
current-carrying loop is proportional to the area enclosed by the loop, if the loop area is made very small,
inductance is reduced. Additionally, small-current loop areas reduce radiated Electromagnetic Interference (EMI).
A ceramic input filter capacitor should be placed close to the VIN pins of the IC. This eliminates as many trace
inductance effects as possible and gives the IC a cleaner voltage supply. A bypass capacitor for the VCCpin should
also be placed close to the pin to reduce the effects of trace impedance.
When routing the circuitry around the IC, the signal ground and the power ground for switching currents must be
kept separate. They should be connected at a point where switching activity is minimal. This helps to keep the
signal ground quiet. The power ground plane should be kept continuous (unbroken) as far as possible. No trace
carrying a high switching current should be placed directly over any ground plane discontinuity.
PCB layout also affects the thermal performance of the design. A number of thermal throughputs or vias that
connect to a large plane should be provided under the exposed pad of the device for efficient heat dissipation.
For a sample layout that ensures first-pass success, refer to the ADPL13602 evaluation kit layout available
at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com