Electronic Components Datasheet Search
  English  ▼

X  

ADPL13602 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPL13602
Description  3.5V to 36V, 2.4A, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL13602 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPL13602 Datasheet HTML 19Page - Analog Devices ADPL13602 Datasheet HTML 20Page - Analog Devices ADPL13602 Datasheet HTML 21Page - Analog Devices ADPL13602 Datasheet HTML 22Page - Analog Devices ADPL13602 Datasheet HTML 23Page - Analog Devices ADPL13602 Datasheet HTML 24Page - Analog Devices ADPL13602 Datasheet HTML 25Page - Analog Devices ADPL13602 Datasheet HTML 26Page - Analog Devices ADPL13602 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADPL13602
analog.com
Rev. 0
23 of 28
EN/UVLO
VIN
BST
RT
SS
FB
PGND
LX
LX
VIN
C5
0. μF
EXTVCC
VOUT
5V, 2.4A
ADPL13602
C2
6800pF
C4
0μF
L1
8.2μH
PGND
C3
. μF
R1
267k
EP
C1
. μF
VIN
7V TO 36V
C6
0. μF
VOUT
R3
4.7Ω
MODE
VCC
SGND
R2
36.5k
C1: . μF/50V/X7R/1206 (C3216X7R1H225K160AE)
L1: 8.2μH (XGL4040-822ME; 4mm x 4mm)
C4: 0μF/16V/X7R/1206 (C3216X7R1C106K160AC)
fSW: 1MHz
PWM MODE: CONNECT MODE WITH SGND
DCM MODE: CONNECT MODE WITH VCC
R4
19.6k
Figure 7. 5V Output with 1MHz Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com