Electronic Components Datasheet Search
  English  ▼

X  

DSEE050 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # DSEE050
Description  eView® Engine Display - Configurable Engine Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSEE050 Datasheet(HTML) 2 Page - Deep Sea Electronics

  DSEE050 Datasheet HTML 1Page - Deep Sea Electronics DSEE050 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DSEControl®
DSEE050
eView® Engine Display - Configurable Engine Monitoring
ENVIRONMENTAL TESTING STANDARDS
ELECTRO MAGNETIC COMPATIBILITY
BS EN 6100-6-2
Electromagnetic Compatibility (EMC) Noise
Immunity
BS EN 6100-6-4
Electromagnetic Compatibility (EMC) Emission
Standard
ISO 11452
Electromagnetic Compatibility - Road Vehicles
ISO 7637-3: 2016
Road Vehicles - Electrical disturbances from
conduction and coupling
Part 3: Electrical transient transmission by
capacitive and inductive coupling via lines
other than supply lines
ELECTRICAL SAFETY
BS EN 61010
Safety Requirements for Electrical Equipment
for Measurement, Control & Laboratory Use.
BS EN 61010: 2010
Part 1: General Requirements
BS EN 61010-2-030: 2010
Part 2-030: Particular Requirements for
Testing Measuring Circuits
ELECTRICAL TESTS
ISO 16750-2: 2012
Road vechicles - Environmental conditions
and testing for electrical and electronic
equipment.
Part 2: Electrical loads
4.6.3 Starting profile
4.6.4 Load dump
CLIMATIC TESTS
EN 60068-2-30
Damp heat, cyclic upper temperature 55 ˚C
EN 60068-2-78
Damp heat, steady state test temperature
40 ˚C/93 % RH (21 Day Duration)
MECHANICAL TESTS
EN 60068-2-6
Part 2-6: Tests - Test Fc: Vibration (sinusoidal)
EN 60068-2-27
Part 2-27: Tests - Test Ea: Shock
TEMPERATURE
BS EN 60068-2-1
Ab/Ae Cold Test -40 °C (-40 °F)
BS EN 60068-2-2
Bb/Be Dry Heat +85 °C (185 °F)
CHEMICAL
ISO 16750-5
Chemical testing for electrical and electronic
equipment - Road Vechicles
DEGREES OF PROTECTION
PROVIDED BY ENCLOSURES
BS EN 60529
IP67/NEMA 6.
The DSEE050 is a fully configurable
colour engine display and controller
designed to meet the demands
of modern electronic engines and
equipment applications.
The DSEE050 supports J1939
electronic engines, including Tier
4F and stage V engine parameters
and supports TSC 1 messaging
allowing speed control messages
to be sent over CAN.
The engine display is an extremely
powerful and versatile product
suited to a wide number of different
application environments.
The DSEE050 is fully configurable
using the DSE Configuration Suite
Software, which allows users to
create custom configurations and
user interface screens.
Users can also add company
branding to the display’s start-up
screen and select from a light and
dark background when the module
is in use.
RELATED PARTS
TITLE
PART NO.
DT16 Connector Complete With Pins
007-850
DT16 Connector Harness
016-176
DT16 Programming Connector Harness
016-177
USB-CAN Programming Interface (PCAN - USB - IPEH - 002022)
016-179
PIN
DESCRIPTION
1
GND
2
CAN Screen
3
CAN L IN
4
CAN H IN
5
Input 4
6
Input 1
7
VDC Batt +
8
CAN Screen
9
CAN L Out
10
CAN H Out
11
GND
12
Input 2
13
GND Batt
14
Output 1
15
Output 2
16
Output 3
17
VREF Out
18
Input 3
18 Pin Deutsch Connector
055-254/12/20 (3)
ISO 9001
Registered
Quality
Managem
ent
015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com