Electronic Components Datasheet Search
  English  ▼

X  

DSEE050 Datasheet(PDF) 1 Page - Deep Sea Electronics

Part # DSEE050
Description  eView® Engine Display - Configurable Engine Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSEE050 Datasheet(HTML) 1 Page - Deep Sea Electronics

  DSEE050 Datasheet HTML 1Page - Deep Sea Electronics DSEE050 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DEEP SEA ELECTRONICS LTD
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaelectronics.com WEBSITE www.deepseaelectronics.com
DEEP SEA ELECTRONICS INC
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL usasales@deepseaelectronics.com WEBSITE www.deepseaelectronics.com
Deep Sea Electronics Ltd maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only.
Registered in England & Wales No.01319649
VAT No.316923457
DSEControl®
055-254/12/20 (3)
DSEE050
eView® Engine Display - Configurable Engine Monitoring
SPECIFICATIONS
DC SUPPLY
CONTINUOUS VOLTAGE RATING
8 V to 35 V continuous
(5 V for up to 1 minute)
CRANKING DROPOUTS
Able to survive 0 V for 100 mS, providing
supply was at least 10 V before dropout
and supply recovers to 5 V. This is achieved
without the need for internal batteries.
MAXIMUM OPERATING CURRENT
300 mA at 12 V, 150 mA at 24 V
MAXIMUM STANDBY CURRENT
80 mA at 12 V, 44 mA at 24 V
INPUTS
MULTI-FUNCTIONAL INPUTS A to D
Configurable as: digital, current, voltage,
resistance
0 V to 10 V
0 mA to 20 mA
0-3 kΩ
OUTPUTS
DC OUTPUTS A to C
1 A continuous at supply voltage
VREF OUT
100 mA at 10 V / 5 V
OPERATING TEMPERATURE RANGE
-40 ° C to +85 ° C
-40 ° F to +185 ° F
HEATED DISPLAY OPERATING RANGE
Turns on at -25 ° C / -13 ° F
Turns off at -5° C / 23 ° F
STORAGE TEMPERATURE RANGE
-40 ° C to +85 ° C
-40 ° F to +185 ° F
DIMENSIONS
OVERALL (W x H x D)
112.5 mm x 115 mm x 49 mm
4.43” x 4.53” x 1.93”
PANEL CUTOUT
80 mm / 3.15” Diameter
RELATED MATERIALS
TITLE
PART NO.
DSEE050 Operators Manual
057-300
DSEE050 Configuration Suite PC Software Manual
057-299
DSEE050 Installation Instructions
053-242
KEY FEATURES
• Fully configurable display colours
• Adjustable display icons
• Digital / analogue I/O mapping to
icons
• TSC 1 speed control via push
buttons or onboard inputs
• Configurable displayed units
• SPN ignore list
• Configurable speed step size &
ramp
• 3.5” 320 x 240 pixel
optically bonded TFT display.
• 4 configurable multi-functional
inputs (digital, current, voltage,
resistance).
• 3 outputs for external relays, LEDs
and audible buzzer.
• 80 mm circular panel cutout for
simple replacement of traditional
gauges.
• IP67 rating offers increased
resistance to water ingress.
• 120 Ω resistor software switchable.
• Auto on/off heated display.
• Industry standard Deutsch 18 pin
connector.
• Monitors engine speed, oil
pressure, coolant temperature, fuel
level & more.
• Compatible with Tier 4 Final and
Stage V engine parameters.
• TSC 1 messaging for speed control.
• DTCs for the display of DM1 and
DM2 diagnostic trouble codes.
• Configurable CAN baud rate (250
kbit/s or 500 kbit/s).
• Configurable start-up screen and
instrumentation pages.
• Dark and light screen themes.
• Five backlit soft navigation keys.
• Customised image display (30
screen support).
• Low power/power save mode.
• PC configurable using
DSE Configuration Suite Software.
KEY BENEFITS
• High resolution display provides
excellent readability.
• Heated display for continual
operation in extreme cold
temperatures.
• Licence-free PC software.
• Uses DSE Configuration Suite PC
Software for simplified configuration
• User friendly set-up and soft-key
navigation for ease of use.
• Compatible with a wide range of
CAN engines.


Similar Part No. - DSEE050

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSEE100 DSE-DSEE100 Datasheet
297Kb / 2P
ENGINE CONTROLLER
logo
Thinki Semiconductor Co...
DSEE15-04CC THINKISEMI-DSEE15-04CC Datasheet
277Kb / 2P
15.0 Ampere Insulated Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
DSEE15-08CC THINKISEMI-DSEE15-08CC Datasheet
277Kb / 2P
15.0 Ampere Insulated Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
logo
IXYS Corporation
DSEE15-12CC IXYS-DSEE15-12CC Datasheet
516Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 (15A, 1200V, 35ns)
logo
Thinki Semiconductor Co...
DSEE15-12CC THINKISEMI-DSEE15-12CC Datasheet
277Kb / 2P
15.0 Ampere Insulated Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
More results

Similar Description - DSEE050

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
logo
Fairchild Semiconductor
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
logo
JILIN SINO-MICROELECTRO...
TIP122 JSMC-TIP122 Datasheet
214Kb / 5P
Engine ignition
TIP127 JSMC-TIP127 Datasheet
211Kb / 5P
Engine ignition
logo
Generalplus Technology ...
GPDS301A GENERALPLUS-GPDS301A Datasheet
321Kb / 10P
Voice Engine
logo
Bridgetek Pte Ltd.
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
Embedded Video Engine
Version 1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com