Electronic Components Datasheet Search
  English  ▼

X  

GP241E Datasheet(PDF) 2 Page - QuWireless

Part # GP241E
Description  Gigabit Passive PoE Power Supply EU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

GP241E Datasheet(HTML) 2 Page - QuWireless

  GP241E Datasheet HTML 1Page - QuWireless GP241E Datasheet HTML 2Page - QuWireless GP241E Datasheet HTML 3Page - QuWireless GP241E Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATION
INPUT VOLTAGE
110 … 240VAC
INPUT FREQUENCY
50 … 60Hz
INPUT CURRENT
max. 2A RMS
INRUSH CURRENT
max. 30A
AC LEAKAGE CURRENT
max. 3.5mA
EFFICIENCY
min. 80% @ 100VAC, 84% @ 240VAC
DIELECTRIC STRENGTH (PRIMARY TO
SECONDARY)
3kVAC/5mA/1s
INPUT SOCKET
IEC320-C6
AC POWER CORD
0.75m length, 3 pins EU plug
ELECTRICAL OUTPUT SPECIFICATION
OUTPUT VOLTAGE
24VDC
MIN. LOAD
0A
MAX. LOAD
1A
OUTPUT POWER
24W
LINE REGULATION
± 3%
DATASHEET / QuPSU-GP241E
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com