Electronic Components Datasheet Search
  English  ▼

X  

GP241E Datasheet(PDF) 1 Page - QuWireless

Part # GP241E
Description  Gigabit Passive PoE Power Supply EU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

GP241E Datasheet(HTML) 1 Page - QuWireless

  GP241E Datasheet HTML 1Page - QuWireless GP241E Datasheet HTML 2Page - QuWireless GP241E Datasheet HTML 3Page - QuWireless GP241E Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QuPSU-GP241E
Gigabit Passive PoE Power Supply EU
Gigabit Passive PoE power supply 24V, 1A, 24W dedicated to all QuSpot, QuMax and QuMini antennas with installed
all Gigabit Ethernet Teltonika routers inside (RUTX50, RUTM50, RUTX09, RUTX11, RUTX12, RUTX14). This power supply
is also compatible with other gigabit devices that support Passive PoE at 24V. Version with EU power cord.
- Passive PoE Power Supply EU
- Output: 24V, 1A
- Input: AC100-240V 50/60Hz
- EU power cord
- Wall mount holder included
- CE, ATE, HIPOT
- Caution: Indoor use only
DATASHEET / QuPSU-GP241E
VERSION / 2.07


Similar Part No. - GP241E

ManufacturerPart #DatasheetDescription
logo
QuWireless
GP241U QUWIRELESS-GP241U Datasheet
1,001Kb / 4P
Gigabit Passive PoE Power Supply UK
More results

Similar Description - GP241E

ManufacturerPart #DatasheetDescription
logo
Level One
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
Gigabit PoE-Plus Repeater
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POR-0120 LVL1-POR-0120 Datasheet
714Kb / 2P
Gigabit PoE Repeater
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Pulse A Technitrol Comp...
J428 PULSE-J428 Datasheet
258Kb / 5P
Single-Port Gigabit PoE
J429 PULSE-J429 Datasheet
1Mb / 6P
2xN Gigabit PoE
J427 PULSE-J427 Datasheet
1Mb / 5P
2xN Gigabit PoE Plus
logo
Bothhand USA, LP.
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
Gigabit & High Power Base Unit for PoE
logo
Schurter Inc.
6003.0215 SCHURTER-6003.0215 Datasheet
272Kb / 3P
EU Power Supply Cord with IEC Connector C13, straight
6004.0114 SCHURTER-6004.0114 Datasheet
284Kb / 3P
EU Power Supply Cord with IEC Connector C13, straight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com